|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TSM109/A DUAL COMPARATOR AND VOLTAGE REFERENCE COMPARATOR s LOW SUPPLY CURRENT (1.1mA) INDEPENDENT OF SUPPLY VOLTAGE s LOW INPUT BIAS CURRENT : 25nA TYP s LOW INPUT OFFSET VOLTAGE : 1mV TYP s INPUT COMMON-MODE VOLTAGE RANGE INCLUDES GROUND N DIP8 s LOW OUTPUT SATURATION VOLTAGE : 250mV TYP; (Io = 4mA) s DIFFERENTIAL INPUT VOLTAGE RANGE EQUAL TO THE SUPPLY VOLTAGE s WIDE POWER SUPPLY RANGE : 1V to 18V s ESD PROTECTION : 1.5kV VOLTAGE REFERENCE D SO8 s Fixed Vref to 2.5V s 0.4% AND 1% VOLTAGE PRECISION s SINK CURRENT CAPABILITY : 1 to 100mA DESCRIPTION The TSM109 is a monolithic IC that includes two comparators and a shunt voltage reference. This device offers space and cost savings in many applications including power supply management or data acquisition systems. PIN CONNECTIONS (top view) ORDER CODE Part Number TSM109 TSM109A Temperature Range -40C, +105C -40C, +105C Package N * * D * * N = Dual in Line Package (DIP) D = Small Outline Package (SO) - also available in Tape & Reel (DT) 1 Out Vcc 8 2 Vref Out 7 3 Ve+ Ve- 6 4 Gnd Ve+ 5 November 2002 1/7 TSM109/A ABSOLUTE MAXIMUM RATINGS Symbol VCC Vid Vin Ik Toper Tj Rthja ESD Supply voltage Differential Input Voltage Input Voltage Continuous Cathode current range Operating Free-air Temperature Range Maximum Junction Temperature Thermal Resistance Junction to Ambient (SO package) Electrostatic Discharge Protection Parameter Value 36 36 -0.3 to Vcc +0.3 -100 to 150 -40 to105 150 175 1.5 Unit V V V mA C C C/W kV ELECTRICAL CHARACTERISTICS VCC+ = 5V, V CC- = 0V, Tamb = 25C (unless otherwise specified) Symbol ICC Parameter Total Supply Current, excluding current in the Voltage Reference VCC = +5V, no load VCC = +30V, no load Min Typ Max Unit 0.4 1 1 2.5 mA 2/7 TSM109/A ELECTRICAL CHARACTERISTICS COMPARATOR (independent comparator) VCC+ = +5V, VCC-= GND, Tamb = +25C (unless otherwise specified) TSM109 Symbol Input Offset Voltage - note 1) Tamb = +25C Tmin Tamb Tmax Input Offset Current Tamb = +25C Tmin Tamb Tmax Input Bias Current (I+ or I-) - note 2) Tamb = +25C Tmin Tamb Tmax Large Signal Voltage Gain VCC = 15V, RL = 15k, Vo = 1V to 11V Input Common Mode Voltage Range - note VCC = 30V Tamb = +25C Tmin Tamb Tmax Differential Input Voltage -note 4) Low Level Output Voltage Vid = -1V, Isink = 4mA Tamb = +25C Tmin Tamb Tmax High Level Output Current (Vid = 1V) IOH VCC = Vo = 30V Tamb = +25C Tmin Tamb Tmax Output Sink Currrent Vid= 1V, Vo = 1.5V Response Time - note 5) RL= 5.1k connected to VCC+ Large Signal Response Time RL= 5.1k connected to VCC+, el = TTL, V(ref) = +1.4v 10 30 150 1 nA A mA s 3) Parameter Min. Typ. 1 Max. 5 9 25 100 250 400 Unit Vio mV Iio 3 nA Iib 25 nA Avd 50 200 V/mV Vicm 0 0 VCC+ -1.5 VCC+ -2 VCC+ V Vid VOL 250 400 700 mV Isink tre 20 1.3 trel 1. 2. 3. 4. 5. 300 ns At output switch point, Vo 1.4V, R s = 0 with VCC + from 5V to 30V, and over the full common-mode range (0V to VCC + -1.5V). The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output, so no loading charge exists on the reference of input lines. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is VCC + -1.5V, but either or both inputs can go to +30V without damage. Positive voltage excursions of one input may exceed the power supply level. As long as the other input voltage remains within the common-mode range, the comparator will provide an appropriate output state. The low input voltage state must not be less than -0.3V (or 0.3V below the negative power supply, if used). The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals, 300ns can be obtained 3/7 TSM109/A COMPARATOR (comparator with inverting input connected to the internal Vref)) VCC+ = +5V, VCC-= GND, Tamb = +25C (unless otherwise specified) TSM109 Symbol Input Offset Voltage - note 1) Tamb = +25C Tmin Tamb Tmax Input Bias Current for positive input note 2) Tamb = +25C Tmin Tamb Tmax Large Signal Voltage Gain VCC = 15V, RL = 15k, Vo = 1V to 11V Low Level Output Voltage Vid = -1V, Isink = 4mA Tamb = +25C Tmin Tamb Tmax High Level Output Current (Vid = 1V) IOH VCC = Vo = 30V Tamb = +25C Tmin Tamb Tmax Output Sink Currrent Vid= 1V, Vo = 1.5V Response Time - note RL= 5.1k connected to VCC+ Large Signal Response Time RL= 5.1k connected to VCC+, el = TTL, V(ref) = +1.4v + Parameter Min. Typ. 1 Max. 5 9 250 400 Unit Vio mV Iib 25 nA Avd 50 200 V/mV VOL 250 400 700 mV 30 150 1 nA A mA s Isink tre 10 20 1.3 3) trel 1. 2. 3. 300 + ns At output switch point, Vo 1.4V, R s = 0 with VCC from 5V to 30V, and over the full common-mode range (0V to VCC -1.5V). The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output, so no loading charge exists on the reference of input lines. The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals, 300ns can be obtained. 4/7 TSM109/A ELECTRICAL CHARACTERISTICS VOLTAGE REFERENCE Symbol IK Cathode Current Conditions Value 1 to 100 Unit mA Tamb = 25C (unless otherwise specified) TSM109A Symbol Parameter Min. Vref Reference Input Voltage, IK = 10 mA Tamb = 25C Tmin Tamb Tmax Reference Input Voltage Deviation OverTemperature Range IK = 10 mA Tmin Tamb Tmax Typ. Max. Min. Typ. Max. TSM109 Unit 2.490 2.500 2.510 2.475 2.500 2.525 2.48 2.52 2.45 2.55 V Vref 7 30 7 30 mV Temperature Coefficient of Reference Input Voltage Vref IK = 10 mA, ------------------VrefT Tmin Tamb Tmax Imin |ZVref| Minimum Cathode Current for Regulation Dynamic Impedance - note 1) Vref, IK = 1 to 100mA, f < 1KHz 13 0.5 0.3 90 1 0.65 13 0.5 0.3 90 1 0.65 ppm/C mA 1. The dynamic impedance is defined as [Z Vref| = VVref/IK 5/7 TSM109/A PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP Millimeters Dimensions Min. A a1 B b b1 D E e e3 e4 F i L Z 0.51 1.15 0.356 0.204 7.95 2.54 7.62 7.62 6.6 5.08 3.81 1.52 Typ. 3.32 1.65 0.55 0.304 10.92 9.75 0.020 0.045 0.014 0.008 0.313 Max. Min. Inches Typ. 0.131 0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060 Max. 3.18 0.125 6/7 TSM109/A PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO) Dimensions Min. A A1 A2 b c D E E1 e L L1 k aaa 0.050 0.780 0.250 0.130 2.900 4.750 2.900 0.400 0d Millimeters Typ. 0.100 0.860 0.330 0.180 3.000 4.900 3.000 0.650 0.550 0.950 3d Max. 1.100 0.150 0.940 0.400 0.230 3.100 5.050 3.100 0.700 6d 0.100 Min. 0.002 0.031 0.010 0.005 0.114 0.187 0.114 0.016 0d Inches Typ. 0.004 0.034 0.013 0.007 0.118 0.193 0.118 0.026 0.022 0.037 3d Max. 0.043 0.006 0.037 0.016 0.009 0.122 0.199 0.122 0.028 6d 0.004 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom http://www.st.com 7/7 |
Price & Availability of TSM109 |